Part Number Hot Search : 
MC145422 9S08DZ32 SSD1815B 70M10V6 FGA40N60 20ETF08 PHT1N52S WPA50
Product Description
Full Text Search
 

To Download MAAL-009120-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Features
* * * * Low Noise Figure High IP3 Single Supply +3 V, +5 V 6 RoHS* Compliant SC70- 6LD Package Rev. V1
Functional Block Diagram
Description
M/A-COM Technology's MAAL-009120 broadband gain stage is a GaAs MMIC amplifier in a lead-free SC70-6LD (SOT-363) surface mount plastic package. The MAAL-009120 employs a monolithic 1-stage self-biased design featuring a convenient 50 input/output impedance that minimizes the number of external components required. Its broadband design provides usable performance from 500 to 3000 MHz. For operation below 500 MHz contact M/A-COM Tech's application group for support.
Pin Configuration
PIN 1 Function GND GND RF In GND GND Description Ground Ground RF input Ground Ground
Ordering Information 1,2
Part Number MAAL-009120 -TR1000 MAAL-009120 -TR3000 MAAL-009120 -001SMB Package 1000 piece reel 3000 piece reel Sample Test Board
2 3 4 5 6
RF Out/VDD RF output & drain voltage input
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
Absolute Maximum Ratings 3,4,5
Parameter RF Output Power Voltage Operating Temperature Storage Temperature Absolute Maximum 22 dBm 5.5 volts -40 C to +85 C -65 C to +150 C
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM Technology does not recommend sustained operation near these survivability limits. 5. Operating at 5 volts with no drain resistor will require the RF output power to be no greater than 10 dBm.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Electrical Specifications: Freq. = 500 - 3000 MHz, TA = 25C, Z0 = 50
Parameter Test Conditions F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz 500 - 3000 MHz 500 - 3000 MHz -- Units Min. -- 10.4 -- -- -- -- -- -- -- -- -- -- -- -- 60 Bias Voltage 3 Volts Typ. 14 11 8 1.4 1.4 1.5 7 11 11 22 20 15.5 18.5 35 80 Max. -- 13.0 -- -- 1.8 -- -- -- -- -- -- -- -- -- 100 5 Volts6 Typ. 14.5 11.2 8.5 1.5 1.5 1.6 7 11.0 10.5 26 18.5 17 -- 35 95
Rev. V1
Gain Noise Figure
dB dB
Input Return Loss
dB
Output Return Loss Output P1dB Output IP3 Current
dB dBm dBm mA
Baseline Application Schematic @ 3V, 5V
Component List @ 3V, 5V
Part C1 C2 C3 L1 Value 39 pF 39 pF 470 pF 12 nH Case Style 0402 0402 0402 0805 Purpose Input DC Block Output DC Block RF Bypass RF Choke/Tuning
Recommended PCB Configuration @ 3V, 5V Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Typical Performance Curves: VDD = 3 V
Gain
20
+25 C -40 C +85 C
Rev. V1
Input Return Loss
0
15
-5
+25 C -40 C +85 C
10
-10
5
-15
0
0.5
1.0
1.5
2.0
2.5
3.0
-20
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
Noise Figure
2.5
+25 C -40 C +85 C
-5
+25 C -40 C +85 C
2.0
-10
1.5
-15
1.0
-20
0.5
1.0
1.5
2.0
2.5
3.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Typical Performance Curves: VDD = 3 V
Output IP3, Input Power @ -12 dBm
50 45 40 35 30 25 20
+25 C -40 C +85 C
Rev. V1
P1dB
22 21 20 19 18 17 16 15 14 13
+25 C -40 C +85 C
0.5
1.0
1.5
2.0
2.5
3.0
12
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Current
95
+25 C -40 C +85 C
90
85
80
75
70
0
2
4
6
8
10
12
14
16
18
20
Output Power (dBm)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Typical Performance Curves: VDD = 5 V
Gain
20
+25 C -40 C +85 C
Rev. V1
6
Input Return Loss
0
+25 C -40 C +85 C
15
-5
10
-10
5
-15
0
0.5
1.0
1.5
2.0
2.5
3.0
-20
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
+25 C -40 C +85 C
Noise Figure
2.5
-5
2.0
-10
1.5
-15
1.0
+25 C -40 C +85 C
-20
0.5
1.0
1.5
2.0
2.5
3.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Output IP3, Input Power = -12 dBm
50 45 40 35 30 25 20
+25 C -40 C +85 C
Current
130 125 120 115 110 105 100 95 90
+25 C -40 C +85 C
0.5
1.0
1.5
2.0
2.5
3.0
85
0
2
4
6
8
10
12
14
Frequency (GHz)
Output Power (dBm)
5
6. This device can run from a single 5 volt supply, but for 1M hour MTTF the output power must be no greater than 10 dBm unless using a series resistor on the drain. See Application note 7 on page 7.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Lead-Free SC70-6LD (SOT-363)
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
5 Volt Application Section for operation above 10 dBm output power Application Layout Schematic @ 5V 7 Component List @ 5V
Part C1 C2 C3 L1 R1 Value 39 pF 39 pF 470 pF 12 nH 24.9 Case Style 0402 0402 0402 0805 0402 Purpose Input DC Block Output DC Block RF Bypass RF Choke/Tuning Voltage Drop
Rev. V1
Application Schematic @ 5V
7. The addition of a 24.9 series resistor on the drain line allows for 5 volt operation above 10 dBm output power, but no greater than 22 dBm of output power.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
5 Volt Application Section for operation above 10 dBm output power Typical Performance Curves: VDD = 5 V
Gain
20
+25 C -40 C +85 C
Rev. V1
Input Return Loss
0
+25 C -40 C +85 C
15
-5
10
-10
5
-15
0
0.5
1.0
1.5
2.0
2.5
3.0
-20
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Output Return Loss
0
+25 C -40 C +85 C
Noise Figure
2.5
+25 C -40 C +85 C
-5
2.0
-10
1.5
-15
1.0
-20
0.5
1.0
1.5
2.0
2.5
3.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
5 Volt Application Section for operation above 10 dBm output power Typical Performance Curves: VDD = 5 V
Output IP3, Input Power @ -12 dBm
50 45 40
+25 C -40 C +85 C
Rev. V1
P1dB
21
+25 C -40 C +85 C
20
19
35
18
30 25 20
17
0.5
1.0
1.5
2.0
2.5
3.0
16
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Current
95
+25 C -40 C +85 C
90
85
80
75
70
0
2
4
6
8
10
12
14
16
18
20
Output Power (dBm)
9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAL-009120
Miniature Broadband Gain Stage 70 - 3000 MHz
Rev. V1
3 Volt Application Section @ 70 MHz Typical Performance Curves: VDD = 3 V Application Layout Schematic @ 3V
S-Parameter Response @ 3 Volts
25 20 15 10 5 0 -5 -10 -15 -20 -25 -30 -35 0.04 0.05 0.06 0.07 0.08 0.09 0.1 0.11 0.12
S11 S21 S22
Frequency (GHz)
Noise Figure
5.0 4.5 4.0 3.5
Component List @ 3V
Part C1 - C3 L1 L2 R1 Value 0.1 F 80 nH 220 nH 3 Case Style 0402 0805 0603 0402
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.05 0.06 0.07 0.08 0.09 0.10
Frequency (GHz)
P1dB
22 21 20 19 18 17 16 15 14 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Output Power (dBm)
10
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAL-009120-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X